PART |
Description |
Maker |
IDT72V3642L10PF IDT72V3642L10PQF IDT72V3632 IDT72V |
TV 100C 100#22D SKT PLUG 3.3 VOLT CMOS SyncBiFIFO 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2 3.3伏的CMOS SyncBiFIFO 256 × 36 × 2 512 × 36 × 2 1024 × 36 × 2 3.3 VOLT CMOS SyncBiFIFO 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2 256 X 36 BI-DIRECTIONAL FIFO, 10 ns, PQFP120 3.3 VOLT CMOS SyncBiFIFO 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2 256 X 36 BI-DIRECTIONAL FIFO, 10 ns, PQFP132
|
Integrated Device Technology, Inc.
|
NM93C06EM8 NM93C06EMT8 NM93C06EN NM93CS06EMT8 NM93 |
256-Bit Serial CMOS EEPROM (MICROWIRE?/a> Synchronous Bus) The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 16 X 16 MICROWIRE BUS SERIAL EEPROM, PDIP8 Card Edge Connector; No. of Contacts:40; Pitch Spacing:0.1" RoHS Compliant: Yes 256-Bit Serial CMOS EEPROM (MICROWIRE⑩ Synchronous Bus) 256-BIT SERIAL CMOS EEPROM (MICROWIRE⒙ SYNCHRONOUS BUS) 256-Bit Serial CMOS EEPROM (MICROWIRE Synchronous Bus) 256-Bit Serial CMOS EEPROM (MICROWIRE?Synchronous Bus)
|
Fairchild Semiconductor, Corp. EEPROM Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
HYB314175BJ-50- HYB314175BJL-50 HYB314175BJ-60 HYB |
High-Speed Fully-Differential Amplifiers 8-MSOP-PowerPAD -40 to 85 3.3V56亩16位江户的DRAM 3.3V56亩16位江户与DRAM的低功率版本自刷 3.3V 256 K x 16-Bit EDO-DRAM 3.3V 256 K x 16-Bit EDO-DRAM Low power version with Self Refresh 3.3V 256 K x 16-Bit EDO-DRAM(3.3V 256K×16外延式数据输出(EDO)动态RAM)
|
http:// SIEMENS AG
|
M3488 |
256 X 256 DIFGITAL SWITCHING MATRIX
|
ST Microelectronics
|
LH5420-P-35 LH5420-P-30 LH5420-P-25 |
256 x 36 x 2 Bidirectional FIFO 256 × 36 × 2双向先进先出
|
Sharp Corporation Sharp, Corp.
|
CY7C197BN-25PC CY7C197BN-15VC |
256-Kb (256 K x 1) Static RAM Fast access time: 15 ns 256 Kb (256K x 1) Static RAM 256K X 1 STANDARD SRAM, 15 ns, PDSO24 256 Kb (256K x 1) Static RAM 256K X 1 STANDARD SRAM, 25 ns, PDIP24
|
Cypress Semiconductor, Corp.
|
CAT5259YI-00-T2 CAT5259WI-00-T1 CAT5259WI-50-T1 CA |
DPP, NV, Quad 256 taps, I<sup>2</sup>C QUAD 100K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO24
|
Rectron Semiconductor
|
P93U422-35FMB P93U422-35PMB P93U422-35SMB |
HIGH SPEED 256 x 4 STATIC CMOS RAM 256 X 4 STANDARD SRAM, 35 ns, CDFP24 HIGH SPEED 256 x 4 STATIC CMOS RAM 高速静56 × 4 CMOS存储
|
Pyramid Semiconductor, Corp. Microchip Technology, Inc.
|
C8051F302 C8051F301 C8051F300 C8051F303 |
25 MIPS,8k Flash,256 Ram,8bit ADC,11 Pin MCU(25 MIPS,8k 闪速存储器,256 Ram,8ADC,11 MCU) 25 MIPS的,8K闪存56公羊位ADC1引脚微控制器5 MIPS的,8K的闪速存储器56公羊位ADC1脚微控制器) 25 MIPS,8k Flash,256 Ram,2% Osc,11 Pin MCU(25 MIPS,8k 闪速存储器,256 Ram,2% Osc,11 MCU) 25 MIPS的,8K闪存56 RAM个%振荡1引脚微控制器5 MIPS的,8K的闪速存储器56,羊%的振荡1脚微控制器) 25 MIPS,8k Flash,256 Ram,8bit ADC,2% Osc,11 Pin MCU(25 MIPS,8k 闪速存储器,256 Ram,8ADC,2% Osc,11 MCU) 25 MIPS的,8K闪存56公羊位ADC%的振荡1引脚微控制器5 MIPS的,8K的闪速存储器56公羊位ADC%的振荡1脚微控制器) 25 MIPS,8k Flash,256 Ram,11 Pin MCU(25 MIPS,8k 闪速存储器,256 Ram,11 MCU) 25 MIPS的,8K闪存56,羊1引脚微控制器5 MIPS的,8K的闪速存储器56,羊1脚微控制器)
|
Connex See Service, Inc.
|
CY7C429-30PC |
256/512/1K/2K/4K x 9 Asynchronous FIFO(508.06 k) 256/512/1K/2K/4K × 9异步FIFO08.06十一
|
Cypress Semiconductor, Corp.
|
DS3902U-515 |
The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each DUAL 50K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO8
|
Maxim Integrated Products, Inc.
|